Part Number Hot Search : 
1052237 SSP7461P NSR01 CXL1517 ELECTRO NX8346TY KAS40 DTA143E
Product Description
Full Text Search
 

To Download SA39-11PBWA-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: SA39-11PBWA/A
Blue
Features
0.39 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAG2887 APPROVED: WYNEC
REV NO: V.2 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Z.Z.YANG
PAGE: 1 OF 4 ERP: 1301002048
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SA39-11PBWA/A Blue (InGaN) BLUE DIFFUSED 1900 Typ. 7800 Common Anode ,Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Blue Blue Blue Blue Blue Blue Typ. 468 470 21 100 3.2 4.0 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Blue 120 30 100 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAG2887 APPROVED: WYNEC
REV NO: V.2 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Z.Z.YANG
PAGE: 2 OF 4 ERP: 1301002048
Blue
SA39-11PBWA/A
SPEC NO: DSAG2887 APPROVED: WYNEC
REV NO: V.2 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Z.Z.YANG
PAGE: 3 OF 4 ERP: 1301002048
PACKING & LABEL SPECIFICATIONS
SA39-11PBWA/A
SPEC NO: DSAG2887 APPROVED: WYNEC
REV NO: V.2 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Z.Z.YANG
PAGE: 4 OF 4 ERP: 1301002048


▲Up To Search▲   

 
Price & Availability of SA39-11PBWA-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X